PART |
Description |
Maker |
IKW03N120H2 Q67040-S4597 IKB03N120H2 IKP03N120H2 Q |
IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT D2Pak 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package. IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 DuoPack IGBT TO220 HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode From old datasheet system
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
IHW40T120 |
IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode IGBTs & DuoPacks - 40A / 1200V IGBT and 18A / 1200V Diode in DuoPack
|
Infineon Technologies AG
|
SD823C12S20C SD823C12S30C |
1200V Fast Recovery Diode in a B-43 (E-Puk) package
|
International Rectifier
|
HFA40HF120 |
1200V 11A Hi-Rel Ultra-Fast Discrete Diode in a SMD-1 package HEXFRED TM Ultrafast, Soft Recovery Diode
|
International Rectifier
|
ISL9R8120S3S ISL9R8120P2 ISL9R8120S3ST ISL9R8120P2 |
8A, 1200V STEALTH DIODE, TO220AC PACKAGE 8A, 1200V STEALTH DIODE, TO263/D2PAK PACKAGE 8A, 1200V StealthDiode 8 A, 1200 V, SILICON, RECTIFIER DIODE, TO-263AB 8A/ 1200V Stealth Diode 8A, 1200V Stealth⑩ Diode 8A, 1200V Stealth?/a> Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IKB01N120H2E3045A IKP01N120H2 |
IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT D2Pak IGBTs & DuoPacks - 1A 1200V HighSpeed2 DuoPack IGBT TO220 1200V HighSpeed2 IGBT and 600V HighSpeed IGBT with antiparallel fast recovery EmCon™ diode in only one package.
|
Infineon
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
70EPF06J 70EPF02 70EPF02J 70EPF04 70EPF04J 70EPF06 |
600V Fast Recovery Diode in a PowIRtab package 400V Fast Recovery Diode in a PowIRtab package 200V Fast Recovery Diode in a PowIRtab package FAST SOFT RECOVERY RECTIFIER DIODE
|
IRF[International Rectifier]
|
DSEK60-12A |
Fast Recovery Diodes Common Cathode Fast Recovery Epitaxial Diode (FRED) 26 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
SDW80S600 |
65ns Fast Recovery Diode, 600V Vrrm, 80A If, 1.5V Peak Forward Voltage Fast Soft Recovery Rectifier Diode
|
SEMIWELL[SemiWell Semiconductor]
|